Part Number Hot Search : 
TC144 M74VHC1G NC7NZU04 ASI10692 ASM706 17358A M1F43 813D0
Product Description
Full Text Search
 

To Download 4810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   cord sets 48  0 www.schurter.com/pg07_ 2 connectors power cord with iec connector c7, straight 70c c7 70c description power supply cord / interconnection cord, protection class ii, pin tem - perature 70 c, cable references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , e-stor e , distributor-stock-chec k , accessorie s technical data ratings iec 2.5 a / 250 vac; 50 hz ratings ul/csa 2.5 a / 250 vac; 60 hz dielectric strength > 3 kvdc between l-n > 1.5 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 20 acc. to iec 60529 protection class suitable for appliances with protection class 2 acc. to iec 61140 terminal moulded material: housing pvc, black or grey connector c7 acc. to iec/en 60320-2-2 ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 2.5 a, protection class 2 dimensions 19.6 mm ? 12 57.8 19.6
2 cord sets 48  0 www.schurter.com/pg07_ 2 connectors config. code product configurato r 4810 | - | r | - | type | - | d | - | length | the characters are placeholders for the correspondingly keys of selections from the key tables. typ steht fr die dose bzw. 2. seite, l?nge ist die leitungsl?nge in mm. 4810 | - | r | - | type | - | d | - | length | = cord type cord type configuration key h03vvh2-f?2x0,75mm2 b h05vvh2-f?2x0,75mm2 e svt? 2x18awg m cord definition is detailed in general product information xxx 4810 | - | r | - | type | - | d | - | length | = cord end 2 cord end 2 zzzz, ? 222 5 , ? 222 8 , ? 271 1 , ? 271 2 , ? 273 0 , ? 273 1 , ? 412 1 , ? 419 0 , ? 607 b , ? 608 b , ? 609 b 4810 | - | r | - | type | - | d | - | length | = color color configuration key jet?black;?ral9005 a silver?grey;?ral7001 b standard color: black 4810 | - | r | - | type | - | d | - | length | = cord length cord length zzzz, ?000500, ?001000, ?001500, ?002000, ?002500, ?003000, ?005000 cord length in mm packaging unit 100 pcs mating inlets/plug s category / description appliance ?inlet? overview?complet e ? ? iec? appliance ?inlet?c8, ?screw-on?mounting, ?rear?side, ?pcb-/solder? terminal 0720-f p iec? appliance ?inlet?c8, ?screw-on?mounting, ?rear?side, ?solder? terminal 0720-f s iec? appliance ?inlet?c8, ? snap-in?mounting, ? front?side, ?solder? terminal 0721-p p iec? appliance ?inlet?c8, ? snap-in?mounting, ? front?side, ?solder? terminal 0721-p s iec? appliance ?inlet?c8, ?insert?mounting, ? solder, ?pcb?or?quick-connect? terminal 257 2 appliance ?inlet?further?types?to?481 0 ... interconnection?cord? overview?complet e ? ? interconnection?cord?with?iec?plug?c, ? angled?70c 271 1 interconnection?cord?with?iec?plug?c, ? angled 271 2 interconnection?cord?with?iec?plug?c, ?straight 273 0 interconnection?cord?with?iec?plug?c, ?straight 273 1 interconnection?cord?further?types?to?481 0 power ? entry?module? overview?complet e ? ? iec? appliance ?inlet?c8?with?line?switch?1-pole cmf1, ?cmf 4 power ? entry?module?further?types?to?481 0 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 4810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X